Part Number Hot Search : 
AM29F TA1634A TC74AC 390502 BD4852 MP2490DS B200C TC4028BF
Product Description
Full Text Search
 

To Download DB25-00507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB25-005 ... DB25-16
DB25-005 ... DB25-16
Three-Phase Si-Bridge-Rectifiers Dreiphasen-Si-Bruckengleichrichter Version 2006-11-30 Nominal current Nennstrom
0.8 = 16
0.2
25 A 35...1000 V 28.5 x 28.5 x 10 [mm] 21 g
=
100.2
Alternating input voltage Eingangswechselspannung Plastic case with alu bottom Plastikgehause mit Alu-Boden Weight approx. - Gewicht ca.
6.3
+
_
24.30.2
Type
O 5.2
28.50.2
21.61
Compound has classification UL94V-0 Vergussmasse nach UL94V-0 klassifiziert Standard packaging bulk Standard Lieferform lose im Karton
Dimensions - Mae [mm]
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ DB25-005 DB25-01 DB25-02 DB25-04 DB25-06 DB25-08 DB25-10 DB25-12 DB25-14 DB25-16 Max. alternating input voltage Max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700 800 900 1000
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000 1200 1400 1600
1
Valid for one branch - Gultig fur einen Bruckenzweig http://www.diotec.com/
(c) Diotec Semiconductor AG
1
DB25-005 ... DB25-16 Maximum ratings Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Peak forward surge current 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur f > 15 Hz TA = 25C TA = 25C TA = 25C IFRM IFSM IFSM i2t Tj TS Grenzwerte 100 A 1) 350 A 385 A 630 A2s -50...+150C -50...+150C
Characteristics Max. current with cooling fin 300 cm Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlass-Spannung Leakage current - Sperrstrom Isolation voltage terminals to case Isolationsspannung Anschlusse zum Gehause Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment TA = 50C Tj = 25C Tj = 25C R-load C-load IF = 12.5 A VR = VRRM IFAV IFAV VF IR VISO RthC 10-32 UNF M5
Kennwerte 25 A 25 A < 1.05 V 2) < 10 A > 2500 V < 2.4 K/W 18 10% lb.in. 2 10% Nm
120 [%] 100
103 [A] 102
Tj = 125C
80
Tj = 25C
60
10
40 1 20 IFAV 0 0 TA 50 100 150 [C] IF 10-1
350a-(12.5a-1,05v)
0.4
VF
0.8
1.0
1.2
1.4
[V] 1.8
Rated forward current versus ambient temperature1) Zul. Richtstrom in Abh. von der Umgebungstemp.1)
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1 2
Valid, if the temperature of the case is kept to TC = 120C - Gultig, wenn die Gehausetemperatur auf TC = 120C gehalten wird Valid for one branch - Gultig fur einen Bruckenzweig http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of DB25-00507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X